công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7890BR-4 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
AD7890BR-4 bảng dữ liệu(HTML) 7 Page - Analog Devices |
7 / 29 page AD7890 Rev. C | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Parameter Rating VDD to AGND −0.3 V to +7 V VDD to DGND −0.3 V to +7 V Analog Input Voltage to AGND AD7890-10, AD7890-4 ±17 V AD7890-2 −5 V, +10 V Reference Input Voltage to AGND −0.3 V to VDD + 0.3 V Digital Input Voltage to DGND −0.3 V to VDD + 0.3 V Digital Output Voltage to DGND −0.3 V to VDD + 0.3 V Operating Temperature Range Commercial (A, B Versions) −40°C to +85°C Extended (S Version) −55°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150 °C PDIP Package, Power Dissipation 450 mW θJA Thermal Impedance 105 °C/W Lead Temperature (Soldering, 10 sec) 260 °C CERDIP Package, Power Dissipation 450 mW θJA Thermal Impedance 70 °C/W Lead Temperature (Soldering, 10 sec) 300 °C SOIC_W Package, Power Dissipation 450 mW θJA Thermal Impedance 75 °C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215 °C Infrared (15 sec) 220 °C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD7890BR-4 |
|
Mô tả tương tự - AD7890BR-4 |