công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7893BR-5 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD7893BR-5
Giải thích chi tiết về linh kiện  LC2MOS 12-Bit ADC in 8-Pin Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7893BR-5 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD7893BR-5 Datasheet HTML 4Page - Analog Devices AD7893BR-5 Datasheet HTML 5Page - Analog Devices AD7893BR-5 Datasheet HTML 6Page - Analog Devices AD7893BR-5 Datasheet HTML 7Page - Analog Devices AD7893BR-5 Datasheet HTML 8Page - Analog Devices AD7893BR-5 Datasheet HTML 9Page - Analog Devices AD7893BR-5 Datasheet HTML 10Page - Analog Devices AD7893BR-5 Datasheet HTML 11Page - Analog Devices AD7893BR-5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AD7893
–7–
REV. E
Track/Hold Section
The track/hold amplifier on the analog input of the AD7893
allows the ADC to accurately convert an input sine wave of full-
scale amplitude to 12-bit accuracy. The input bandwidth of the
track/hold is greater than the Nyquist rate of the ADC, even
when the ADC is operated at its maximum throughput rate of
117 kHz (i.e., the track/hold can handle input frequencies in
excess of 58 kHz).
The track/hold amplifier acquires an input signal to 12-bit accu-
racy in less than 1.5
µs. The operation of the track/hold is essen-
tially transparent to the user. The track/hold amplifier goes from
its tracking mode to its hold mode at the start of conversion
(i.e., the rising edge of CONVST). The aperture time for the
track/hold (i.e., the delay time between the external CONVST
signal and the track/hold actually going into hold) is typically
15 ns. At the end of conversion (6
µs after the rising edge of
CONVST
) the part returns to its tracking mode. The acquisi-
tion time of the track/hold amplifier begins at this point.
Reference Input
The reference input to the AD7893 is a buffered on-chip with a
maximum reference input current of 1
µA. The part is specified
with a +2.5 V reference input voltage. Errors in the reference
source will result in gain errors in the AD7893’s transfer func-
tion and will add to the specified full-scale errors on the part.
On the AD7893-10 it will also result in an offset error injected
in the attenuator stage. Suitable reference sources for the
AD7893 include the AD780 and AD680 precision +2.5 V
references.
Timing and Control Section
Figure 3 shows the timing and control sequence required to ob-
tain optimum performance from the AD7893. In the sequence
shown, conversion is initiated on the rising edge of CONVST,
and new data from this conversion is available in the output reg-
ister of the AD7893 6
µs later. Once the read operation has
taken place, a further 600 ns should be allowed before the next
rising edge of CONVST to optimize the settling of the track/
hold amplifier before the next conversion is initiated. With the
serial clock frequency at its maximum of 8.33 MHz, the achiev-
able throughput rate for the part is 6
µs (conversion time) plus
1.92
µs (read time) plus 0.6 µs (acquisition time). This results in
a minimum throughput time of 8.52
µs (equivalent to a through-
put rate of 117 kHz).
The read operation consists of sixteen serial clock pulses to the
output shift register of the AD7893. After sixteen serial clock
pulses the shift register is reset and the SDATA line is three-
stated. If there are more serial clock pulses after the sixteenth
clock, the shift register will be moved on past its reset state;
however, the shift register will be reset again on the falling edge
of the CONVST signal to ensure that the part returns to a
known state every conversion cycle. As a result, a read operation
from the output register should not straddle across the falling
edge of CONVST as the output shift register will be reset in the
middle of the read operation, and the data read back into the
microprocessor will appear invalid.
The throughput rate of the part can be increased by reading
data during conversion. If the data is read during conversion,
a throughput time of 6
µs (conversion time) plus 1.5 µs is
achieved. This minimum throughput time of 7.5
µs is achieved
with a slight reduction in performance from the AD7893. The
signal to (noise + distortion) number is likely to degrade by ap-
proximately 1.5 dB while the code flicker from the part will also
increase (see AD7893 PERFORMANCE section).
Because the AD7893 is provided in an 8-pin package to mini-
mize board space, the number of pins available for interfacing is
very limited. As a result, no status signal is provided from the
AD7893 to indicate when conversion is complete. In many
applications, this will not be a problem as the data can be read
from the AD7893 during conversion or after conversion; how-
ever, applications that want to achieve optimum performance
from the AD7893 will have to ensure that the data read does not
occur during conversion or during 600 ns prior to the rising
edge of CONVST. This can be achieved in two ways. The first
is to ensure in software that the read operation is not initiated
until 6
µs after the rising edge of CONVST. This will only be
possible if the software knows when the CONVST command is
issued. The second scheme would be to use the CONVST sig-
nal as both the conversion start signal and an interrupt signal.
The simplest way to do this would be to generate a square wave
signal for CONVST with high and low times of 6
µs (see Figure
4). Conversion is initiated on the rising edge of CONVST. The
falling edge of CONVST occurs 6
µs later and can be used as ei-
ther an active low or falling, edge-triggered interrupt signal to
tell the processor to read the data from the AD7893. Provided
that the read operation is completed 600 ns before the rising
edge of CONVST, the AD7893 will operate to specification.
CONVST
SCLK
CONVERSION IS INITIATED
AND TRACK/HOLD GOES
INTO HOLD
t1
CONVERSION ENDS
6µs LATER
SERIAL READ
OPERATION
OUTPUT SERIAL
SHIFT REGISTER IS
RESET
600ns MIN
tCONVERT
READ OPERATION
SHOULD END 600ns
PRIOR TO NEXT
RISING EDGE OF
CONVST
Figure 3. Timing Sequence for Optimum Performance from the AD7893


Số phần tương tự - AD7893BR-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893BR-5 AD-AD7893BR-5 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893BR-5 AD-AD7893BR-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BR-5 AD-AD7893BR-5 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BR-5 AD-AD7893BR-5 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BR-5 AD-AD7893BR-5 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
More results

Mô tả tương tự - AD7893BR-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com