công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7893AR-2 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7893AR-2
Giải thích chi tiết về linh kiện  LC2MOS 12-Bit ADC in 8-Pin Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7893AR-2 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7893AR-2 Datasheet HTML 1Page - Analog Devices AD7893AR-2 Datasheet HTML 2Page - Analog Devices AD7893AR-2 Datasheet HTML 3Page - Analog Devices AD7893AR-2 Datasheet HTML 4Page - Analog Devices AD7893AR-2 Datasheet HTML 5Page - Analog Devices AD7893AR-2 Datasheet HTML 6Page - Analog Devices AD7893AR-2 Datasheet HTML 7Page - Analog Devices AD7893AR-2 Datasheet HTML 8Page - Analog Devices AD7893AR-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD7893
REV. E
–4–
PIN FUNCTION DESCRIPTION
Pin
Pin
No.
Mnemonic
Description
1
REF IN
Voltage Reference Input. An external reference source should be connected to this pin to provide the refer-
ence voltage for the AD7893’s conversion process. The REF IN input is buffered on-chip. The nominal ref-
erence voltage for correct operation of the AD7893 is +2.5 V.
2VIN
Analog Input Channel. The analog input range is
±10 V (AD7893-10), ±2.5 V (AD7893-3), 0 V to +5 V
(AD7893-5) and 0 V to +2.5 V (AD7893-2).
3
AGND
Analog Ground. Ground reference for track/hold, comparator and DAC.
4
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7893. A
new serial data bit is clocked out on the rising edge of this serial clock, and data is valid on the falling edge.
The serial clock input should be taken low at the end of the serial data transmission.
5
SDATA
Serial Data Output. Serial data from the AD7893 is provided at this output. The serial data is clocked out by
the rising edge of SCLK and is valid on the falling edge of SCLK. Sixteen bits of serial data are provided
with four leading zeros followed by the 12 bits of conversion data. On the sixteenth falling edge of SCLK, the
SDATA line is disabled (three-stated). Output data coding is twos complement for the AD7893-10 and
AD7893-3, straight binary for the AD7893-2 and AD7893-5.
6
DGND
Digital Ground. Ground reference for digital circuitry.
7
CONVST
Convert Start. Edge-triggered logic input. On the falling edge of this input, the serial clock counter is reset to
zero. On the rising edge of this input, the track/hold goes into its hold mode and conversion is initiated.
8VDD
Positive supply voltage, +5 V
± 5%.
PIN CONFIGURATION
DIP and SOIC
1
2
3
4
8
7
6
5
REF IN
VIN
AGND
SCLK
DGND
SDATA
VDD
CONVST
AD7893
TOP VIEW
(NOT TO SCALE)
ORDERING GUIDE
Temperature
Linearity
Package
Model
Range
Error
SNR
Options*
AD7893AN-2
–40
°C to +85°C
±1 LSB
70 dB
N-8
AD7893BN-2
–40
°C to +85°C
±1/2 LSB 72 dB N-8
AD7893AR-2
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7893BR-2
–40
°C to +85°C
±1/2 LSB 72 dB SO-8
AD7893SQ-2
–55
°C to +125°C ±1 LSB
70 dB
Q-8
AD7893AN-5
–40
°C to +85°C
±1 LSB
70 dB
N-8
AD7893BN-5
–40
°C to +85°C
±1/2 LSB 72 dB N-8
AD7893AR-5
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7893BR-5
–40
°C to +85°C
±1/2 LSB 72 dB SO-8
AD7893SQ-5
–55
°C to +125°C ±1 LSB
70 dB
Q-8
AD7893AN-10 –40
°C to +85°C
±1 LSB
70 dB
N-8
AD7893BN-10 –40
°C to +85°C
±1/2 LSB 72 dB N-8
AD7893AR-10
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7893BR-10
–40
°C to +85°C
±1/2 LSB 72 dB SO-8
AD7893SQ-10
–55
°C to +125°C ±1 LSB
70 dB
Q-8
AD7893AR-3
–40
°C to +85°C
±1 LSB
70 dB
SO-8
*N = Plastic DIP, Q = Cerdip, SO = SOIC.


Số phần tương tự - AD7893AR-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893AR-2 AD-AD7893AR-2 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893AR-2 AD-AD7893AR-2 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893AR-2 AD-AD7893AR-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893AR-2 AD-AD7893AR-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893AR-2 AD-AD7893AR-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
More results

Mô tả tương tự - AD7893AR-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com