công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7892BR-1 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7892BR-1
Giải thích chi tiết về linh kiện  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7892BR-1 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7892BR-1 Datasheet HTML 3Page - Analog Devices AD7892BR-1 Datasheet HTML 4Page - Analog Devices AD7892BR-1 Datasheet HTML 5Page - Analog Devices AD7892BR-1 Datasheet HTML 6Page - Analog Devices AD7892BR-1 Datasheet HTML 7Page - Analog Devices AD7892BR-1 Datasheet HTML 8Page - Analog Devices AD7892BR-1 Datasheet HTML 9Page - Analog Devices AD7892BR-1 Datasheet HTML 10Page - Analog Devices AD7892BR-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD7892
–6–
REV. C
PIN FUNCTION DESCRIPTION
Pin
No.
Mnemonic
Description
1VDD
Positive Supply Voltage, +5 V
± 5%.
2
STANDBY
Standby Input. Logic Input. With this input at a logic high, the part is in its normal operating
mode; with this input at a logic low, the part is placed in its standby or power-down mode, which
reduces power consumption to 5 mW typical.
3VIN2
Analog Input 2. For the AD7892-1, this input either connects to AGND or to VIN1 to determine
the analog input voltage range. With VIN2 connected to AGND on the AD7892-1, the analog input
range at the VIN1 input is
±10 V. With V
IN2 connected to VIN1 on the AD7892-1, the analog input
range to the part is
±5V.
For the AD7892-2 and AD7892-3, this input can be left unconnected but must not be connected
to a potential other than AGND.
4VIN1
Analog Input 1. The analog input voltage to be converted by the AD7892 is applied to this input.
For the AD7892-1, the input voltage range is either
±5 V or ±10 V depending on where the VIN2
input is connected. For the AD7892-2, the voltage range on the VIN1 input is 0 V to +2.5 V with
respect to the voltage appearing at the VIN2 input. For the AD7892-3, the voltage range on the VIN1
input is
±2.5 V.
5
REF OUT/REF IN
Voltage Reference Output/Input. The part can be used with either its own internal reference or with
an external reference source. The on-chip +2.5 V reference is provided at this pin. When using this
internal reference as the reference source for the part, REF OUT should be decoupled to AGND
with a 0.1
µF disc ceramic capacitor. The output impedance of this reference source is typically
5.5 k
Ω. When using an external reference source as the reference voltage for the part, the reference
source should be connected to this pin. This overdrives the internal reference and provides the
reference source for the part. The REF IN input is buffered on-chip but must be able to sink or
source current through the resistor to the output of the on-chip reference. The nominal reference
voltage for correct operation of the AD7892 is +2.5 V.
6
AGND
Analog Ground. Ground reference for track/hold, comparator and DAC.
7
MODE
Mode. Control input which determines the interface mode for the AD7892. With this pin at a logic
low, the device is in its serial interface mode; with this pin at a logic high, the device is in its parallel
interface mode.
8
DB11/LOW
Data Bit 11/Test Pin. When the device is in its parallel mode, this pin is Data Bit 11 (MSB), a
three-state TTL-compatible output. When the device is in its serial mode, this is used as a test pin
which must be tied to a logic low for correct operation of the AD7892.
9
DB10/LOW
Data Bit 10/Test Pin. When the device is in its parallel mode, this pin is Data Bit 10, a three-state
TTL-compatible output. When the device is in its serial mode, this is used as a test pin which must
be tied to a logic low for correct operation of the AD7892.
10
DB9
Data Bit 9. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
11
DB8
Data Bit 8. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
12
DB7
Data Bit 7. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
13
DB6
Data Bit 6. Three-state TTL-compatible output. This output should be left unconnected when the
device is in its serial mode.
14
DGND
Digital Ground. Ground reference for digital circuitry.
15
DB5/SDATA
Data Bit 5/Serial Data. When the device is in its parallel mode, this pin is Data Bit 5, a three-state
TTL-compatible output. When the device is in its serial mode, this becomes the serial data output
line. Sixteen bits of serial data are provided with four leading zeros preceding the 12 bits of valid
data. Serial data is valid on the falling edge of SCLK for sixteen edges after
RFS goes low. Output
coding is two’s complement for AD7892-1 and AD7892-3 and straight (natural) binary for
AD7892-2.


Số phần tương tự - AD7892BR-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7892BR-1 AD-AD7892BR-1 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BR-1 AD-AD7892BR-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BR-1 AD-AD7892BR-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

Mô tả tương tự - AD7892BR-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com