công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7893BN-2 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD7893BN-2
Giải thích chi tiết về linh kiện  LC2MOS 12-Bit ADC in 8-Pin Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7893BN-2 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD7893BN-2 Datasheet HTML 1Page - Analog Devices AD7893BN-2 Datasheet HTML 2Page - Analog Devices AD7893BN-2 Datasheet HTML 3Page - Analog Devices AD7893BN-2 Datasheet HTML 4Page - Analog Devices AD7893BN-2 Datasheet HTML 5Page - Analog Devices AD7893BN-2 Datasheet HTML 6Page - Analog Devices AD7893BN-2 Datasheet HTML 7Page - Analog Devices AD7893BN-2 Datasheet HTML 8Page - Analog Devices AD7893BN-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AD7893–SPECIFICATIONS
AB
S
Parameter
Versions
l
Versions
Version
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to (Noise + Distortion) Ratio
2
@ +25
°C
70
70
70
dB min
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Total Harmonic Distortion (THD)
2
–80
–80
–80
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Peak Harmonic or Spurious Noise
2
–80
–80
–80
dB max
fIN = 10 kHz Sine Wave, fSAMPLE = 117 kHz
Intermodulation Distortion (IMD)
2
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 117 kHz
2nd Order Terms
–80
–80
–80
dB max
3rd Order Terms
–80
–80
–80
dB max
DC ACCURACY
Resolution
12
12
12
Bits
Minimum Resolution for which
No Missing Codes are Guaranteed
12
12
12
Bits
Relative Accuracy
2
±1
±1/2
±1
LSB max
Differential Nonlinearity
2
±1
±1
±1
LSB max
Positive Full-Scale Error
2
±3
±1.5
±3
LSB max
AD7893-2, AD7893-5
Unipolar Offset Error
±4
±3
±4
LSB max
AD7893-10, AD7893-3
Negative Full-Scale Error
2
±3
±1.5
±3
LSB max
Bipolar Zero Error
±4
±2
±4
LSB max
ANALOG INPUT
AD7893-10
Input Voltage Range
±10
±10
±10
Volts
Input Resistance
16
16
16
k
Ω min
AD7893-3
Input Voltage Range
±2.5
±2.5
±2.5
Volts
Input Resistance
4
4
4
k
Ω min
AD7893-5
Input Voltage Range
0 to +5
0 to +5
0 to +5
Volts
Input Resistance
9
9
9
k
Ω min
AD7893-2
Input Voltage Range
0 to +2.5
0 to +2.5
0 to +2.5
Volts
Input Current
500
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
V min/V max 2.5 V
± 5%
Input Current
2
2
10
µA max
Input Capacitance
3
10
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
3
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7893-10, AD7893-3
2s Complement
AD7893-2, AD7893-5
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
6
6
6
µs max
Track/Hold Acquisition Time
2
1.5
1.5
1.5
µs max
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
IDD
9
9
9
mA max
Power Dissipation
45
45
45
mW max
Typically 25 mW
NOTES
1Temperature Ranges are as follows: A, B Versions: –40
°C to +85°C, S Version: –55°C to +125°C.
2See Terminology.
3Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.
REV. E
–2–
(VDD = +5 V, AGND = DGND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX unless
otherwise noted.)


Số phần tương tự - AD7893BN-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893BN-2 AD-AD7893BN-2 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893BN-2 AD-AD7893BN-2 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BN-2 AD-AD7893BN-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BN-2 AD-AD7893BN-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893BN-2 AD-AD7893BN-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
More results

Mô tả tương tự - AD7893BN-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com