công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7895 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7895
Giải thích chi tiết về linh kiện  5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7895 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7895 Datasheet HTML 5Page - Analog Devices AD7895 Datasheet HTML 6Page - Analog Devices AD7895 Datasheet HTML 7Page - Analog Devices AD7895 Datasheet HTML 8Page - Analog Devices AD7895 Datasheet HTML 9Page - Analog Devices AD7895 Datasheet HTML 10Page - Analog Devices AD7895 Datasheet HTML 11Page - Analog Devices AD7895 Datasheet HTML 12Page - Analog Devices AD7895 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD7895
–9–
REV. 0
MICROPROCESSOR/MICROCONTROLLER INTERFACE
The AD7895 provides a three-wire serial interface that can be
used for connection to the serial ports of DSP processors and
microcontrollers. Figures 6 through 9 show the AD7895
interfaced to a number of different microcontrollers and DSP
processors. The AD7895 accepts an external serial clock, and
as a result, in all interfaces shown here, the processor/controller
is configured as the master, providing the serial clock with the
AD7895 configured as the slave in the system.
AD7895–8051 Interface
Figure 6 shows an interface between the AD7895 and the 8XL51
microcontroller. The 8XL51 is configured for its Mode 0 serial
interface mode. The diagram shows the simplest form of the
interface where the AD7895 is the only part connected to the
serial port of the 8XL51 and, therefore, no decoding of the
serial read operations is required.
AD7895
SDATA
SCLK
BUSY
P3.0
P3.1
8X51/L51
P1.2
OR
INT1
Figure 6. AD7895 to 8X51/L51 Interface
To chip select the AD7895 in systems where more than one
device is connected to the 8XL51’s serial port, a port bit
configured as an output, from one of the 8XL51’s parallel ports
can be used to gate on or off the serial clock to the AD7895. A
simple AND function on this port bit and the serial clock from
the 8XL51 will provide this function. The port bit should be
high to select the AD7895 and low when it is not selected.
The end of conversion is monitored by using the BUSY signal
that is shown in the interface diagram of Figure 6. The BUSY
line from the AD7895 is connected to the Port P1.2 of the
8XL51 so the BUSY line can be polled by the 8XL51. The BUSY
line can be connected to the INT1 line of the 8XL51 if an
interrupt driven system is preferred. These two options are
shown in the diagram.
Note also that the AD7895 outputs the MSB first during a read
operation, while the 8XL51 expects the LSB first. Therefore,
the data which is read into the serial buffer needs to be rear-
ranged before the correct data format from the AD7895 appears
in the accumulator.
The serial clock rate from the 8XL51 is limited to significantly
less than the allowable input serial clock frequency with which
the AD7895 can operate. As a result, the time to read data
from the part will actually be longer than the conversion time of
the part. This means that the AD7895 cannot run at its maximum
throughput rate when used with the 8XL51.
AD7895–68HC11/L11 Interface
An interface circuit between the AD7895 and the 68HC11/L11
microcontroller is shown in Figure 7. For the interface shown,
the 68L11 SPI port is used, and the 68L11 is configured in its
single-chip mode. The 68L11 is configured in the master mode
with its CPOL bit set to a logic zero and its CPHA bit set to a
logic one. As with the previous interface, the diagram shows the
simplest form of the interface where the AD7895 is the only part
connected to the serial port of the 68L11 and, therefore, no
decoding of the serial read operations is required.
AD7895
SDATA
SCLK
BUSY
SCK
MISO
68HC11/L11
PC2 OR
IRQ
Figure 7. AD7895 to 68HC11/L11 Interface
Once again, to chip select the AD7895 in systems where more
than one device is connected to the 68HC11’s serial port, a port
bit configured as an output from one of the 68HC11’s parallel
ports can be used to gate on or off the serial clock to the
AD7895. A simple AND function on this port bit and the serial
clock from the 68L11 will provide this function. The port bit
should be high to select the AD7895 and low when it is not
selected.
The end of conversion is monitored by using the BUSY signal
that is shown in the interface diagram of Figure 7. With the
BUSY line from the AD7895 connected to the Port PC0 of the
68HC11/L11, the BUSY line can be polled by the 68HC11/L11.
The BUSY line can be connected to the IRQ line of the
68HC11/L11 if an interrupt driven system is preferred. These
two options are shown in the diagram.
The serial clock rate from the 68HC11/L11 is limited to
significantly less than the allowable input serial clock frequency
with which the AD7895 can operate. As a result, the time to
read data from the part will actually be longer than the conver-
sion time of the part. This means that the AD7895 cannot run
at its maximum throughput rate when used with the 68HC11/L11.
AD7895–ADSP-2103/5 Interface
An interface circuit between the AD7895 and the ADSP-2103/5
DSP processor is shown in Figure 8. In the interface shown, the
RFS1 output from the ADSP-2103/5s SPORT1 serial port is
used to gate the serial clock (SCLK1) of the ADSP-2103/5
before it is applied to the SCLK input of the AD7895. The
RFS1 output is configured for active high operation. The BUSY
line from the AD7895 is connected to the IRQ2 line of the
ADSP-2103/5 so that at the end of conversion an interrupt is
generated telling the ADSP-2103/5 to initiate a read operation.
The interface ensures a noncontinuous clock for the AD7895’s
serial clock input with only sixteen serial clock pulses provided
and the serial clock line of the AD7895 remaining low between
data transfers. The SDATA line from the AD7895 is connected
to the DR1 line of the ADSP-2103/5’s serial port.


Số phần tương tự - AD7895

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-10 AD-AD7895AN-10 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-10 AD-AD7895AN-10 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895AN-10 AD-AD7895AN-10 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results

Mô tả tương tự - AD7895

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com