công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7892 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7892
Giải thích chi tiết về linh kiện  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7892 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7892 Datasheet HTML 1Page - Analog Devices AD7892 Datasheet HTML 2Page - Analog Devices AD7892 Datasheet HTML 3Page - Analog Devices AD7892 Datasheet HTML 4Page - Analog Devices AD7892 Datasheet HTML 5Page - Analog Devices AD7892 Datasheet HTML 6Page - Analog Devices AD7892 Datasheet HTML 7Page - Analog Devices AD7892 Datasheet HTML 8Page - Analog Devices AD7892 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to AGND
AD7892-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±17 V
AD7892-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
AD7892-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Reference Input Voltage to AGND . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Parameter
A Versions
1
B Versions
S Version
2
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 200
µA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB11–DB0
Floating-State Leakage Current
±10
±10
±10
µA max
Floating-State Capacitance
4
15
15
15
pF max
Output Coding
AD7892-1 and AD7892-3
Two’s Complement
AD7892-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
1.47
1.47
µs max
AD7892-3
Track/Hold Acquisition Time
3
0.2
0.2
µs max
AD7892-3
Conversion Time
1.6
1.6
1.68
µs max
AD7892-1 and AD7892-2
Track/Hold Acquisition Time
3
0.4
0.4
0.32
µs max
AD7892-1 and AD7892-2
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
IDD
5
Normal Operation
18
18
19
mA max
Standby Mode
6
AD7892-2
250
250
µA typ
AD7892-3, AD7892-1
80
80
100
µA max
typ 15
µA
Power Dissipation
5
Normal Operation
90
90
95
mW max
VDD = +5 V. Typically 60 mW
Standby Mode
6
AD7892-2
1.25
1.25
mW typ
AD7892-3, AD7892-1
400
400
500
µW max
VDD = +5 V. Typically 75
µW
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C; S Version: –55°C to +125°C.
2S Version available on AD7892-1 and AD7892-2 only.
3See Terminology.
4Sample tested @ +25
°C to ensure compliance.
5These normal mode and standby mode currents are achieved with resistors (in the range 10 k
Ω to 100 kΩ) to either DGND or V
DD on Pins 8, 9, 16 and 17.
6A conversion should not be initiated on the part within 30
µs of exiting standby mode.
Specifications subject to change without notice.
AD7892
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 105°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +260
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 70°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
REV. C
–3–


Số phần tương tự - AD7892

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892-2CB2 AD-AD7892-2CB2 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892-3CB2 AD-AD7892-3CB2 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892ACHIPS-3 AD-AD7892ACHIPS-3 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

Mô tả tương tự - AD7892

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com