công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7890AN-2 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7890AN-2
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7890AN-2 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7890AN-2 Datasheet HTML 1Page - Analog Devices AD7890AN-2 Datasheet HTML 2Page - Analog Devices AD7890AN-2 Datasheet HTML 3Page - Analog Devices AD7890AN-2 Datasheet HTML 4Page - Analog Devices AD7890AN-2 Datasheet HTML 5Page - Analog Devices AD7890AN-2 Datasheet HTML 6Page - Analog Devices AD7890AN-2 Datasheet HTML 7Page - Analog Devices AD7890AN-2 Datasheet HTML 8Page - Analog Devices AD7890AN-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7890
Rev. C | Page 3 of 28
SPECIFICATIONS
VDD = 5 V, AGND = DGND = 0 V, REF IN = 2.5 V, fCLK IN = 2.5 MHz external, MUX OUT connect to SHA IN. All specifications TMIN to
TMAX, unless otherwise noted.
Table 1.
Parameter
A Versions1
B Versions
S Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Using external CONVST, any channel
Signal to (Noise + Distortion) Ratio2
70
70
70
dB min
fIN = 10 kHz sine wave, fSAMPLE = 100 kHz3
Total Harmonic Distortion (THD)2
−77
−77
−77
dB max
fIN = 10 kHz sine wave, fSAMPLE = 100 kHz3
Peak Harmonic or Spurious Noise2
−78
−78
−78
dB max
fIN = 10 kHz sine wave, fSAMPLE = 100 kHz3
Intermodulation Distortion
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 100 kHz3
2nd Order Terms
−80
−80
−80
dB typ
3rd Order Terms
−80
−80
−80
dB typ
Channel-to-Channel Isolation2
−80
−80
−80
dB max
fIN = 1 kHz sine wave
DC ACCURACY
Resolution
12
12
12
Bits
Min. Resolution for Which
No
Missing Codes Are Guaranteed
12
12
12
Bits
Relative Accuracy2
±1
±0.5
±1
LSB max
Differential Nonlinearity2
±1
±1
±1
LSB max
Positive Full-Scale Error2
±2.5
±2.5
±2.5
LSB max
Full-Scale Error Match4
2
2
2
LSB max
AD7890-2, AD7890-4
Unipolar Offset Error2
±2
±2
±2
LSB max
Unipolar Offset Error Match
2
2
2
LSB max
AD7890-10 Only
Negative Full-Scale Error2
±2
±2
±2
LSB max
Bipolar Zero Error2
±5
±5
±5
LSB max
Bipolar Zero Error Match
2
2
2
LSB max
ANALOG INPUTS
AD7890-10
Input Voltage Range
±10
±10
±10
Volts
Input Resistance
20
20
20
kΩ min
AD7890-4
Input Voltage Range
0 to 4.096
0 to 4.096
0 to 4.096
Volts
Input Resistance
11
11
11
kΩ min
AD7890-2
Input Voltage Range
0 to 2.5
0 to 2.5
0 to 2.5
Volts
Input Current
50
50
200
nA max
MUX OUT OUTPUT
Output Voltage Range
0 to 2.5
0 to 2.5
0 to 2.5
Volts
Output Resistance
AD7890-10, AD7890-4
3/5
3/5
3/5
kΩ min/kΩ max
AD7890-2
2
2
2
kΩ max
Assuming VIN is driven from low impedance
SHA IN INPUT
Input Voltage Range
0 to 2.5
0 to 2.5
0 to 2.5
Volts
Input Current
±50
±50
±50
nA max
REFERENCE OUTPUT/INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
V min/V max
2.5 V ± 5%
Input Impedance
1.6
1.6
1.6
kΩ min
Resistor connected to internal reference node
Input Capacitance5
10
10
10
pF max
REF OUT Output Voltage
2.5
2.5
2.5
V nom
REF OUT Error @ 25°C
±10
±10
±10
mV max
TMIN to TMAX
±20
±20
±25
mV max
REF OUT Temperature Coefficient
25
25
25
ppm/°C typ
REF OUT Output Impedance
2
2
2
kΩ nom


Số phần tương tự - AD7890AN-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890AN-2 AD-AD7890AN-2 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Mô tả tương tự - AD7890AN-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com