công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7890 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7890
Giải thích chi tiết về linh kiện  8-Channel, 12-Bit Serial Data Acquisition System
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7890 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7890 Datasheet HTML 1Page - Analog Devices AD7890 Datasheet HTML 2Page - Analog Devices AD7890 Datasheet HTML 3Page - Analog Devices AD7890 Datasheet HTML 4Page - Analog Devices AD7890 Datasheet HTML 5Page - Analog Devices AD7890 Datasheet HTML 6Page - Analog Devices AD7890 Datasheet HTML 7Page - Analog Devices AD7890 Datasheet HTML 8Page - Analog Devices AD7890 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7890
Rev. C | Page 4 of 28
Parameter
A Versions1
B Versions
S Version
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
μA max
VIN = 0 V to VDD
Input Capacitance, CIN5
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
Serial Data Output Coding
AD7890-10
Twos Complement
AD7890-4
Straight (Natural) Binary
AD7890-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
5.9
5.9
5.9
μs max
fCLK IN = 2.5 MHz, MUX OUT, connected to
SHA IN
Track/Hold Acquisition Time2, 5
2
2
2
μs max
POWER REQUIREMENTS
VDD
5
5
5
V nom
± 5% for specified performance
IDD (Normal Mode)
10
10
10
mA max
Logic inputs = 0 V or VDD
IDD (Standby Mode)6 @ 25°C
15
15
15
μA typ
Logic inputs = 0 V or VDD
Power Dissipation
Normal Mode
50
50
50
mW max
Typically 30 mW
Standby Mode @ 25°C
75
75
75
μW typ
1 Temperature ranges are as follows: A, B Versions: −40°C to +85°C; S Version: −55°C to +125°C.
2 See the Terminology section.
3 This sample rate is only achievable when using the part in external clocking mode.
4 Full-scale error match applies to positive full scale for the AD7890-2 and AD7890-4. It applies to both positive and negative full scale for the AD7890-10.
5 Sample tested @ 25°C to ensure compliance.
6 Analog inputs on AD7890-10 must be at 0 V to achieve correct power-down current.


Số phần tương tự - AD7890

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7890AN-10 AD-AD7890AN-10 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890AN-2 AD-AD7890AN-2 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890AN-4 AD-AD7890AN-4 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
More results

Mô tả tương tự - AD7890

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com