công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1823A bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1823A
Giải thích chi tiết về linh kiện  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1823A bảng dữ liệu(HTML) 7 Page - Texas Instruments

  UC1823A Datasheet HTML 1Page - Texas Instruments UC1823A Datasheet HTML 2Page - Texas Instruments UC1823A Datasheet HTML 3Page - Texas Instruments UC1823A Datasheet HTML 4Page - Texas Instruments UC1823A Datasheet HTML 5Page - Texas Instruments UC1823A Datasheet HTML 6Page - Texas Instruments UC1823A Datasheet HTML 7Page - Texas Instruments UC1823A Datasheet HTML 8Page - Texas Instruments UC1823A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
SYNCHRONIZATION
The oscillator can be synchronized by an external pulse
inserted in series with the timing capacitor. Program the
free running frequency of the oscillator to be 10 to 15%
slower than the desired synchronous frequency. The
pulse width should be greater than 10ns and less than
half the discharge time of the oscillator. The rising edge
of the CLK/LEB pin can be used to generate a synchro-
nizing pulse for other chips. Note that, the CLK/LEB pin
will no longer accept an incoming synchronizing signal.
General Oscillator Synchronization
Operational Waveforms
Two Units
APPLICATIONS INFORMATION (cont.)
HIGH CURRENT OUTPUTS
Each totem pole output of the UC3823A,B and
UC3825A,B can deliver a 2 amp peak current into a ca-
pacitive load. The output can slew a 1000pF capacitor 15
volts in approximately 20 nanoseconds. Separate col-
lector supply (VC) and power ground (PGND) pins help
decouple the IC's analog circuitry from the high power
gate drive noise. The use of 3 Amp Schottky diodes
(1N5120, USD245 or equivalent) as shown in the figure
from each output to both VC and PGND are recom-
mended. The diodes clamp the output swing to the sup-
ply rails, necessary with any type of inductive/capacitive
load, typical of a MOSFET gate. Schottky diodes must
be used because a low forward voltage drop is required.
DO NOT USE standard silicon diodes.
Although a "single ended" device, two output drivers are
available on the UC3823A,B devices. These can be “par-
alleled” by the use of a one-half ohm (noninductive) re-
sistor connected in series with each output for a com-
bined peak current of 4 Amps.
Power MOSFET Drive Circuit
UDG-95111
UDG-95113
UDG-95112
UDG-95114


Số phần tương tự - UC1823A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823A TI1-UC1823A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823A TI1-UC1823A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Mô tả tương tự - UC1823A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com