công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS4985EKIJT bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện TS4985EKIJT
Giải thích chi tiết về linh kiện  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985EKIJT bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button TS4985EKIJT Datasheet HTML 6Page - STMicroelectronics TS4985EKIJT Datasheet HTML 7Page - STMicroelectronics TS4985EKIJT Datasheet HTML 8Page - STMicroelectronics TS4985EKIJT Datasheet HTML 9Page - STMicroelectronics TS4985EKIJT Datasheet HTML 10Page - STMicroelectronics TS4985EKIJT Datasheet HTML 11Page - STMicroelectronics TS4985EKIJT Datasheet HTML 12Page - STMicroelectronics TS4985EKIJT Datasheet HTML 13Page - STMicroelectronics TS4985EKIJT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical Characteristics
TS4985
10/29
Figure 14. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 15. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 16. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 17. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 18. Power supply rejection ratio (PSRR)
vs. DC output voltage
Figure 19. Power supply rejection ratio (PSRR)
vs. DC output voltage
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Cb = 1
µF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)


Số phần tương tự - TS4985EKIJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4982 STMICROELECTRONICS-TS4982 Datasheet
936Kb / 2P
   Highly-integrated complete 2 W stereo audio subsystem
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
More results

Mô tả tương tự - TS4985EKIJT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_17 Datasheet
242Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_15 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486 Datasheet
162Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com