công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3842B bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện TS3842B
Giải thích chi tiết về linh kiện  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

TS3842B bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TS3842B Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 9Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 10Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 11Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 12Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 13Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 14Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Undervoltage Lockout(contd.)
This provides a low impedance path for filtering the high frequency noised. All high current loops
should be kept as short as possible using heavy copper runs to minimize radiated EMI. The Error
Amp compensation circuitry and the converter output voltage divider should be located close to
the IC and as far as possible from the power switch and other noise generating components.
Current mode converters can exhibit subharmonic oscillations when operating at a duty cycle
greater than 50% with continuous inductor current. This instability is independent of the regula-
tors closed loop characteristics and is caused by the simultaneous operating conditions of fixed
frequency and peak current detecting. Figure 19(A) shows the phenomenon graphically. At t
0,
switch conduction begins causing the inductor current to rise at a slope of m
1. This slope is a
function of the input voltage divided by the inductance. At t1, the Current Sense Input reaches the
threshold established by the control voltage. This causes the switch to turn off and the current to
decay at a slope of m
2, until the next oscillator cycle. This unstable condition can be shown if a
perturbation is added to the control voltage, resulting in a small
1(dashed line). With a fixed
oscillator period, the current decay time is reduced, and the minimum current at switch turn-on(t
2)
is increased by
1+
1m
2/m1. The minimum current at the next cycle (t3) decreases to
(
1+
1m
2/m1)(m2/m1). This perturbation is multiplied by m2/m1 on each succeeding cycle, alternately
increasing and decreasing the inductor current at switch turn-on. Several oscillator cycles may be
required before the inductor current reaches zero causing the process to commence again. If m
2/
m
1 is greater than 1, the converter will be unstable. Figure 19(B) shows that by adding an artificial
ramp that is synchronized with the PWM clock to the control voltage, the
1 perturbation will
decrease to zero on succeeding cycles. This compensating ramp (m
3) must have a slope equal to
or slightly greater than m
2/2 for stability. With m2/2 slope compensation, the average inductor
current follows the control voltage yielding true current mode operation. The compensating ramp
can be derived from the oscillator and added to either the Voltage Feedback or Current Sense
inputs (Figure 32).
Figure 19 - Continuous Current Waveforms
+
+
Control Voltage
Inductor
Current
Oscillator Period
Control Voltage
Inductor
Current
Oscillator Period
(A)
(B)
m1
m2
t0
t1
t2
t3
m3
m2
t4
t5
t6
∆∆
1
m1
11
m2
m1
11m2
m1
m 2
m 1


Số phần tương tự - TS3842B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCD TSC-TS3842BCD Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCS TSC-TS3842BCS Datasheet
402Kb / 20P
   High Performance Current Mode Controller
More results

Mô tả tương tự - TS3842B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com