công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3842B bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
TS3842B bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 20 page Electrical Characteristics CHARACTERISTIC SYMBOL MIN TYP MAX UNIT Reference Output Voltage (Io=1.0mA,TJ = 25 +) Vref 4.9 5.0 5.1 V Line Regulation (VCC =12V to 25V) Regline - 2.0 20 mV Load Regulation (Io =1.0mA to 20mA) Regload - 3.0 25 mV Temperature Stability Ts - 0.2 - mV/ + Total Output Variation over Line,Load ,and Temperature Vref 4.82 - 5.18 V Output Noise Voltage (f = 10Hz to 10kHz, TJ=25 +) Vn - 50 - µV Long Term Stability ( TA=125 + for 1000 Hours) S- 5.0 - mV Output Short Circuit Current Isc -30 -85 180 mA OSCILLATOR SECTION Frequency TJ=25 + 47 52 57 TA=Tlow to Thigh 46 - 60 Frequency Change with Voltage (VCC =12V to 25V) fosc/ V -0.2 1.0 % Frequency Change with Temperature TA=Tlow to Thigh Oscillator Voltage Swing ( Peak-to-Peak) Vosc - 1.6 - V Discharge Current (Vosc=2.0V) TJ=25 + 7.5 8.4 9.3 TA=Tlow to Thigh 7.2 - 9.5 % KHz mA fosc/ T Fosc Idischg -5.0 - REFFRENCE SECTION VCC=15V (Note 2), RT=10K, CT=3.3nF, TA=Tlow to Thigh (Note 3), unless otherwise noted. |
Số phần tương tự - TS3842B |
|
Mô tả tương tự - TS3842B |