công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7443082017 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7443082017
Giải thích chi tiết về linh kiện  WE-HCM SMD High Current Flat Wire Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443082017 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443082017 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082017 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082017 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082017 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082017 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443082017 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Packaging Specification - Tape and Reel: [mm]
Carrier Tape
End
Feeding direction
Start
P2
P0
T
T1
D0
top cover
tape
T2
K0
A0
P1
D1
No Component
min.160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
Cover Tape
A
A
packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
W
P1
T
T1
T2
D0
E1
E2
F
P0
P2
Tape Type
VPE / packaging unit
tolerance
±0,1
±0,1
±0,1
±0,1
±0,1
max.
typ.
+0,1 -0,0
±0,1
min.
±0,05
±0,1
±0,05
pcs.
size
1088
8,20
10,20
24,00
12,00
0,40
0,10
8,20
1,50
1,75
22,25
11,50
4,00
2,00
Polystyrene
600
165° - 180°
Pull-of force
Tape width
24 mm
0,1 N - 1,3 N
B
C
W1
close to center
W3
W2
A
B
C
D
N
W1
W2
W3
W3
Tolerance
± 2,0
min.
min.
min.
± 2,0
+ 2,0
max.
min.
max.
Tape width
24mm
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
BD
DIN ISO 2768-1m
DESCRIPTION
WE-HCM SMD High Current Flat
Wire Inductor
ORDER CODE
7443082017
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1088
001.000
Valid
2017-11-01
eiSos
3/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7443082017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443082010 WURTH-7443082010 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082010B WURTH-7443082010B Datasheet
660Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
003.003
7443082012 WURTH-7443082012 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082012B WURTH-7443082012B Datasheet
660Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
003.003
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
More results

Mô tả tương tự - 7443082017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744308033 WURTH-744308033_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305040 WURTH-744305040_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082010 WURTH-7443082010 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082022 WURTH-7443082022 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082012 WURTH-7443082012 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082015A WURTH-7443082015A Datasheet
420Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305022 WURTH-744305022_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082018A WURTH-7443082018A Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com