công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A5018DR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3A5018DR
Giải thích chi tiết về linh kiện  10 OHM QUAD SPDT ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3A5018DR Datasheet HTML 1Page - Texas Instruments TS3A5018DR Datasheet HTML 2Page - Texas Instruments TS3A5018DR Datasheet HTML 3Page - Texas Instruments TS3A5018DR Datasheet HTML 4Page - Texas Instruments TS3A5018DR Datasheet HTML 5Page - Texas Instruments TS3A5018DR Datasheet HTML 6Page - Texas Instruments TS3A5018DR Datasheet HTML 7Page - Texas Instruments TS3A5018DR Datasheet HTML 8Page - Texas Instruments TS3A5018DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TS3A5018
10 W QUAD SPDT ANALOG SWITCH
SCDS189 – JANUARY 2005
Description
The TS3A5018 is a quad single-pole double-throw
(SPDT) analog switch that is designed to operate from
2.3 V to 3.6 V. This device can handle both digital and
analog signals, and signals up to V+ can be transmitted
in either direction.
Applications
D Sample-and-Hold Circuit
D Battery-Powered Equipment
D Audio and Video Signal Routing
D Communication Circuits
Logic
Control
11
10
7
NC2
SOIC, SSOP, TSSOP, OR TVSOP PACKAGE
(TOP VIEW)
1
2
3
4
5
16
15
14
13
12
IN
NC1
NO1
COM1
NC4
EN
V+
NO4
COM4
6
COM2
NO2
NC3
NO3
8
GND
9
COM3
FUNCTION TABLE
EN
IN
NO TO COM,
COM TO NO
NC TO COM,
COM TO NC
L
L
OFF
ON
L
H
ON
OFF
H
X
OFF
OFF
Features
D Low ON-State Resistance (10 W)
D Low Charge Injection
D Excellent ON-State Resistance Matching
D Low Total Harmonic Distortion (THD)
D 2.3-V to 3.6-V Single-Supply Operation
D Control Inputs are 5-V Tolerant
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 3.3 V, TA = 25°C
Configuration
Quad Single Pole
Double Throw
(4
SPDT)
Number of channels
4
ON-state resistance (ron)
7
ON-state resistance match (
∆ron)
0.3
ON-state resistance flatness (ron(flat))
5
Turn-on/turn-off time (tON/tOFF)
3.5 ns/2 ns
Charge injection (QC)
2 pC
Bandwidth (BW)
300 MHz
OFF isolation (OISO)
−48 dB at 10 MHz
Crosstalk (XTALK)
−48 dB at 10 MHz
Total harmonic distortion (THD)
0.2%
Leakage current (ICOM(OFF))
±5 µA
Power-supply current (I+)
2.5
µA
Package option
16-pin SOIC, SSOP,
TSSOP, or TVSOP
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Số phần tương tự - TS3A5018DR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A5018DR TI-TS3A5018DR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DR TI-TS3A5018DR Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DR TI1-TS3A5018DR Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DRE4 TI-TS3A5018DRE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DRE4 TI-TS3A5018DRE4 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS3A5018DR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com