công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS3A5018D bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
TS3A5018D bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 19 page TS3A5018 10 W QUAD SPDT ANALOG SWITCH SCDS189 – JANUARY 2005 www.ti.com 5 Electrical Characteristics for 2.5-V Supply(1) V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNC,VNO 0 V+ V ON-state ron 0 ≤ (VNC or VNO) ≤ V+, Switch ON, 25 °C 2.3 V 12 20 Ω ON-state resistance ron 0 ≤ (VNC or VNO) ≤ V+, ICOM = −24 mA, Switch ON, See Figure 13 Full 2.3 V 22 Ω ON-state resistance match ∆ron VNC or VNO = 1.6 V, Switch ON, 25 °C 2.3 V 0.3 1 Ω resistance match between channels ∆ron VNC or VNO = 1.6 V, ICOM = −24 mA, Switch ON, See Figure 13 Full 2.3 V 2 Ω ON-state resistance ron(flat) 0 ≤ (VNC or VNO) ≤ V+, Switch ON, 25 °C 2.3 V 14 18 Ω resistance flatness ron(flat) 0 ≤ (VNC or VNO) ≤ V+, ICOM = −24 mA, Switch ON, See Figure 13 Full 2.3 V 20 Ω VNC or VNO = 0.5 V, VCOM = 2.2 V, or Switch OFF, 25 °C 2.7 V −0.1 0.05 0.1 NC, NO NC NO COM or VNC or VNO = 2.2 V, VCOM = 0.5 V, Switch OFF, See Figure 14 Full 2.7 V −0.2 0.2 NC, NO OFF leakage current INC(OFF), INO(OFF) VNC or VNO = 0 to 3.6 V, VCOM = 3.6 V to 0, or Switch OFF, 25 °C 0 V −2 0.05 2 µA current V to 0, or VNC or VNO = 3.6 V to 0, VCOM = 0 to 3.6 V, Switch OFF, See Figure 14 Full 0 V −10 10 VCOM = 0.5 V, VNC or VNO = 2.2 V, or Switch OFF, 25 °C 2.7 V −0.1 0.05 0.1 COM OFF leakage ICOM(OFF) COM NC NO or VCOM = 2.2 V, VNC or VNO = 0.5 V, Switch OFF, See Figure 14 Full 2.7 V −0.2 0.2 A OFF leakage current ICOM(OFF) VCOM = 0 to 3.6 V, VNC = 3.6 V to 0, or Switch OFF, 25 °C 0 V −2 0.05 2 µA current COM NC or VCOM = 3.6 V to 0, VNC = 0 to 3.6 V, Switch OFF, See Figure 14 Full 0 V −10 10 NC, NO ON leakage INC(ON) VNC or VNO = 0.5 V, VCOM = Open, or Switch ON, 25 °C 2.7 V −0.1 0.05 0.1 A ON leakage current INC(ON) INO(ON) NC NO COM or VNC or VNO = 2.2 V, VCOM = Open, Switch ON, See Figure 15 Full 2.7 V −0.2 0.2 µA COM ON leakage ICOM(ON) VCOM = 0.5 V, VNC or VNO = Open, or Switch ON, 25 °C 2.7 V −0.1 0.05 0.1 A ON leakage current ICOM(ON) COM NC NO or VCOM = 2.2 V, VNC or VNO = Open, Switch ON, See Figure 15 Full 2.7 V −0.2 0.2 µA Digital Control Inputs (IN, EN)(2) Input logic high VIH Full 1.7 V+ V Input logic low VIL Full 0 0.7 V Input leakage IIH, IIL VI = 5.5 V or 0 25 °C 2.7 V −0.1 0.05 0.1 A Input leakage current IIH, IIL VI = 5.5 V or 0 Full 2.7 V −1 1 µA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Số phần tương tự - TS3A5018D |
|
Mô tả tương tự - TS3A5018D |