công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM6824ZWY6E bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM6824ZWY6E
Giải thích chi tiết về linh kiện  5-Pin Supervisor with Watchdog Timer and Push-button Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6824ZWY6E bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM6824ZWY6E Datasheet HTML 1Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 2Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 3Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 4Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 5Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 6Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 7Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 8Page - STMicroelectronics STM6824ZWY6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
STM6321/6322/6821/6822/6823/6824/6825
4/21
SUMMARY DESCRIPTION
The STM6xxx Supervisors are self-contained de-
vices which provide microprocessor supervisory
functions. A precision voltage reference and com-
parator monitors the VCC input for an out-of-toler-
ance condition. When an invalid VCC condition
occurs, the reset output (RST) is forced low (or
high in the case of RST). These devices also offer
a watchdog timer (except for STM6322/6825) and/
or a push-button (MR) reset input.
These devices are available in a standard 5-pin
SOT23 package.
Figure 2. Logic Diagram (STM6821/6822/6823)
Note: 1. For STM6821 only.
Figure 3. Logic Diagram (STM6321/6322/6824/
6825)
Note: 1. For STM6321/6824
Table 2. Signal Names
Figure 4. STM6821/6822/6823 SOT23-5
Connections
Note: 1. Push-pull only.
2. Open Drain for STM6822.
Figure 5. STM6321/6322/6824/6825 SOT23-5
Connections
Note: 1. Open Drain for STM6321/6322.
2. Push-pull only.
3. For STM6321/6824
AI09128
VCC
STM6XXX
VSS
RST (RST)(1)
WDI
MR
AI09129
VCC
STM6XXX
VSS
RST
RST
(WDI)
(1) MR
MR
Push-button Reset Input
WDI
Watchdog Input
RST
Active-Low Reset Output
RST
Active-High Reset Output
VCC
Supply Voltage
VSS
Ground
1
WDI
RST(1)(RST)(2)
VCC
MR
VSS
AI09130
SOT23-5
2
3
4
5
1
VCC
VSS
AI09131
SOT23-5
2
3
4
5
MR (WDI)(3)
RST(1)
RST(2)


Số phần tương tự - STM6824ZWY6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM6824ZWY6E STMICROELECTRONICS-STM6824ZWY6E Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6824ZWY6E STMICROELECTRONICS-STM6824ZWY6E Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
More results

Mô tả tương tự - STM6824ZWY6E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com