công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST24D75-02 bảng dữ liệu(PDF) 1 Page - Teledyne Technologies Incorporated

tên linh kiện ST24D75-02
Giải thích chi tiết về linh kiện  Single Output to 75A 600 Vac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

ST24D75-02 bảng dữ liệu(HTML) 1 Page - Teledyne Technologies Incorporated

  ST24D75-02 Datasheet HTML 1Page - Teledyne Technologies Incorporated ST24D75-02 Datasheet HTML 2Page - Teledyne Technologies Incorporated ST24D75-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated ST24D75-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
ST 1
ST\032003\Q1
Single Output to 75A 600 Vac
AC/DC Control
FEATURES/BENEFITS
• Industry standard package
• Internal MOV (certain models)
• Control LED (certain models)
• AC or DC control available
• Excellent thermal performance
• Tight zero-cross window for low EMI
• High immunity to surges
DESCRIPTION
The Series ST single-phase relays are designed for
high-power applications. The design incorporates an
SCR or triac output. The Series ST relays utilize optical
isolation to protect the control from load transients.
Control LED is available on certain models. All Series
ST relays are zero crossing. Internal MOV is also
available on ST24D 25A and 50A models.
APPLICATIONS
• Heating control
• Industrial and process control
• On/Off controls of AC equipment
APPROVALS
All models are UL recognized.
UL File Number: E128555.
Series ST
NOTES
1) Line Voltage (nominal): 24 = 240 Vac; 48 = 480 Vac
2) Switch Type: D = Zero-cross turn-on; A = AC control,
Zero-cross turn-on
3) Feature: -02 = Control LED: Standard on all ST48D
Only available on ST24D 12A and 40A (standard)
-16 = Internal MOV: Available only on ST24D 25A and 50A
-22 = 24 Vac Control
MECHANICAL SPECIFICATION
TOLERANCE:
±.01 (0.3)
WEIGHT: 3.18 oz. (90g)
1~
2~
4-
3+
1.1 (28)
Ø.19 (Ø4.7)
1 (25.4)
1.75 (44.5)
M4
M3
1.06 (27)
.77 (19.6)
.9 (22.8)
1.02 (25.8)
(
±.02)
Figure 1 — ST relays, dimensions in inches (mm)
Figure 2a — ST relays
TYPICAL APPLICATION
Part Numbers
Package &
Line
Switch
Output
Feature3
Chip Type
Voltage1
Type2
Current
ST
24
D
12
-02
48
25
-16
40
50
75
ST
24
A
25
50
ST
48
A
25
-22
Part Number Example: ST48A25-22
Figure 2b — ST -02 option relays
Figure 2c — ST -16 option relays
4–
3+
Control
Line
Voltage
Load
+
1
2
• 1–2 can be changed
• SSR must be mounted on a heat sink
Line Protection
4–
3+
+
1
2
• 1–2 can be changed
• SSR must be mounted on a heat sink
Line Protection
LED
Control
Line
Voltage
Load
4–
3+
Load
+
1
2
• 1–2 can be changed
• SSR must be mounted on a heat sink
Line Protection
Control
Line
Voltage


Số phần tương tự - ST24D75-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
ST24D12 TELEDYNE-ST24D12 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
ST24D25 TELEDYNE-ST24D25 Datasheet
672Kb / 3P
   Output to 50A, 600Vac DC Control Solid-State Relays
04/2018
More results

Mô tả tương tự - ST24D75-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
List of Unclassifed Man...
HA6025 ETC1-HA6025 Datasheet
84Kb / 3P
   25-125Amp 600 Vac AC Output
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com