công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7887WARMZ-RL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7887WARMZ-RL
Giải thích chi tiết về linh kiện  Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7887WARMZ-RL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7887WARMZ-RL Datasheet HTML 1Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 2Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 3Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 4Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 5Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 6Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 7Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 8Page - Analog Devices AD7887WARMZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD7887
SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VREF = 2.5 V, external/internal reference unless otherwise noted, fSCLK = 2 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
AVersion1
BVersion1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to Noise + Distortion Ratio (SNR)2, 3
71
71
dB typ
fIN = 10 kHz sine wave, fSAMPLE = 125 kSPS
Total Harmonic Distortion (THD)2
−80
−80
dB typ
fIN = 10 kHz sine wave, fSAMPLE = 125 kSPS
Peak Harmonic or Spurious Noise2
–80
−80
dB typ
fIN = 10 kHz sine wave, fSAMPLE = 125 kSPS
Intermodulation Distortion (IMD)2
Second-Order Terms
−80
−80
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 125 kSPS
Third-Order Terms
−80
−80
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 125 kSPS
Channel-to-Channel Isolation2
−80
−80
dB typ
fIN = 25 kHz
Full-Power Bandwidth
2.5
2.5
MHz typ
@ 3 dB
DC ACCURACY
Any channel
Resolution
12
12
Bits
Integral Nonlinearity2
±2
±1
LSB max
Differential Nonlinearity2
±2
±1
LSB max
Guaranteed no missing codes to 11 bits (A Grade)
Offset Error2
±3
±3
LSB max
VDD = 5 V, dual-channel mode
±4
±4
LSB max
VDD = 3 V, dual-channel mode
±6
±6
LSB typ
Single-channel mode
Offset Error Match2
0.5
0.5
LSB max
Gain Error2
±2
±2
LSB max
Dual-channel mode
±1
±1
LSB max
Single-channel mode, external reference
±6
±6
LSB typ
Single-channel mode, internal reference
Gain Error Match2
2
2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
V
Leakage Current
±5
±5
μA max
Input Capacitance
20
20
pF typ
REFERENCE INPUT/OUTPUT
REFIN Input Voltage Range
2.5/VDD
2.5/VDD
V min/max
Functional from 1.2 V
Input Impedance
10
10
kΩ typ
Very high impedance if internal reference disabled
REFOUT Output Voltage
2.45/2.55
2.45/2.55
V min/max
REFOUT Temperature Coefficient
±50
±50
ppm/°C typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 4.75 V to 5.25 V
2.1
2.1
V min
VDD = 2.7 V to 3.6 V
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 2.7 V to 5.25 V
Input Current, IIN
±1
±1
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200 μA
VDD − 0.5
VDD − 0.5
V min
VDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
±1
μA max
Floating-State Output Capacitance5
10
10
pF max
Output Coding
Straight (Natural) Binary
Rev. E | Page 3 of 24


Số phần tương tự - AD7887WARMZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887WARMZ2,3 AD-AD7887WARMZ2,3 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
More results

Mô tả tương tự - AD7887WARMZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com