công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888BR-REEL7 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD7888BR-REEL7
Giải thích chi tiết về linh kiện  Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888BR-REEL7 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD7888BR-REEL7 Datasheet HTML 1Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 2Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 3Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 4Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 5Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 6Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 7Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 8Page - Analog Devices AD7888BR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
–2–
AD7888–SPECIFICATIONS (V
DD = 2.7 V to 5.25 V, REFIN/REFOUT = 2.5 V External/Internal Reference unless
otherwise noted; fSCLK = 2 MHz (VDD = 2.7 V to 5.25 V); TA = TMIN to TMAX, unless otherwise noted.)
Parameter
A Version
1
B Version
1
Unit
Test Condition/Comment
DYNAMIC PERFORMANCE
Signal to Noise + Distortion Ratio2, 3 (SNR)
71
71
dB typ
fIN = 10 kHz Sine Wave, fSAMPLE = 125 kSPS
Total Harmonic Distortion
2 (THD)
–80
–80
dB typ
fIN = 10 kHz Sine Wave, fSAMPLE = 125 kSPS
Peak Harmonic or Spurious Noise
2
–80
–80
dB typ
fIN = 10 kHz Sine Wave, fSAMPLE = 125 kSPS
Intermodulation Distortion2 (IMD)
Second Order Terms
–78
–78
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 125 kSPS
Third Order Terms
–78
–78
dB typ
fa = 9.983 kHz, fb = 10.05 kHz, fSAMPLE = 125 kSPS
Channel-to-Channel Isolation2
–80
–80
dB typ
fIN = 25 kHz
Full Power Bandwidth
2.5
2.5
MHz typ
@ 3 dB
DC ACCURACY
Any Channel
Resolution
12
12
Bits
Integral Nonlinearity
2
±2
±1
LSB max
Differential Nonlinearity
2
±2
–1/+1.5
LSB max
Guaranteed No Missed Codes to 11 Bits (A Grade)
Guaranteed No Missed Codes to 12 Bits (B Grade)
Offset Error
±6
±6
LSB max
VDD = 4.75 V to 5.25 V (Typically
±3 LSB)
±4.5
±4.5
LSB max
VDD = 2.7 V to 3.6 V (Typically
±2 LSB)
Offset Error Match
2
2
2
LSB typ
Gain Error
2
±2
±2
LSB max
Typically 30 LSB with Internal Reference
Gain Error Match
2
3
3
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
Volts
Leakage Current
±1
±1
µA max
Input Capacitance
38
38
pF typ
When in Track
4
4
pF typ
When in Hold
REFERENCE INPUT/OUTPUT
REFIN Input Voltage Range
2.5/VDD
2.5/VDD
V min/max
Functional from 1.2 V
Input Impedance
5
5
k
Ω typ
Very High Impedance If Internal Reference Disabled
REFOUT Output Voltage
2.45/2.55
2.45/2.55
V min/max
REFOUT Tempco
±50
±50
ppm/
°C typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 4.75 V to 5.25 V
2.1
2.1
V min
VDD = 2.7 V to 3.6 V
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 2.7 V to 5.25 V
Input Current, IIN
±10
±10
µA max
Typically 10 nA, VIN = 0 V or VDD
Input Capacitance, CIN
4
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200
µA
VDD – 0.5
VDD – 0.5
V min
VDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
5
10
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Throughput Time
16
16
SCLK Cycles
Conversion Time + Acquisition Time. 125 kSPS with
2 MHz Clock
Track/Hold Acquisition Time
2
1.5
1.5
SCLK Cycles
Conversion Time
14.5
14.5
SCLK Cycles
7.25
µs (2 MHz Clock)
REV. C


Số phần tương tự - AD7888BR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888BR-REEL7 AD-AD7888BR-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
More results

Mô tả tương tự - AD7888BR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com