công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888ARZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD7888ARZ
Giải thích chi tiết về linh kiện  Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888ARZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD7888ARZ Datasheet HTML 2Page - Analog Devices AD7888ARZ Datasheet HTML 3Page - Analog Devices AD7888ARZ Datasheet HTML 4Page - Analog Devices AD7888ARZ Datasheet HTML 5Page - Analog Devices AD7888ARZ Datasheet HTML 6Page - Analog Devices AD7888ARZ Datasheet HTML 7Page - Analog Devices AD7888ARZ Datasheet HTML 8Page - Analog Devices AD7888ARZ Datasheet HTML 9Page - Analog Devices AD7888ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AD7888
–5–
PIN CONFIGURATIONS
SOIC AND TSSOP
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CS
REF IN/REF OUT
VDD
AGND
AIN1
AIN2
AIN3
AIN4
SCLK
DOUT
DIN
AGND
AIN8
AIN7
AIN6
AIN5
AD7888
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7888 and also frames the serial data transfer.
2
REF IN/REF OUT
Reference Input/Output. The on-chip reference is available on this pin for use external to the AD7888.
Alternatively, the internal reference can be disabled and an external reference applied to this input.
The voltage range for the external reference is from 1.2 V to VDD.
3VDD
Power Supply Input. The VDD range for the AD7888 is from 2.7 V to 5.25 V.
4, 13
AGND
Analog Ground. Ground reference point for all circuitry on the AD7888. All analog input signals and
any external reference signals should be referred to this AGND voltage. Both of these pins should
connect to the AGND plane of a system.
5–12
AIN1–AIN8
Analog Input 1 through Analog Input 8. Eight single-ended analog input channels that are multiplexed
into the on-chip track/hold. The analog input channel to be converted is selected by using the ADD0
through ADD2 bits of the Control Register. The input range for all input channels is 0 to VREF. Any
unused input channels should be connected to AGND to avoid noise pickup.
14
DIN
Data In. Logic Input. Data to be written to the AD7888’s Control Register is provided on this input
and is clocked into the register on the rising edge of SCLK (see Control Register section).
15
DOUT
Data Out. Logic Output. The conversion result from the AD7888 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream consists
of four leading zeros followed by the 12 bits of conversion data, which is provided MSB first.
16
SCLK
Serial Clock. Logic Input. SCLK provides the serial clock for accessing data from the part and writing
serial data to the Control Register. This clock input is also used as the clock source for the AD7888’s
conversion process.
REV. C


Số phần tương tự - AD7888ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARZ AD-AD7888ARZ Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARZ-REEL AD-AD7888ARZ-REEL Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARZ-REEL7 AD-AD7888ARZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
More results

Mô tả tương tự - AD7888ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com