công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7888ARZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7888ARZ
Giải thích chi tiết về linh kiện  Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7888ARZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7888ARZ Datasheet HTML 1Page - Analog Devices AD7888ARZ Datasheet HTML 2Page - Analog Devices AD7888ARZ Datasheet HTML 3Page - Analog Devices AD7888ARZ Datasheet HTML 4Page - Analog Devices AD7888ARZ Datasheet HTML 5Page - Analog Devices AD7888ARZ Datasheet HTML 6Page - Analog Devices AD7888ARZ Datasheet HTML 7Page - Analog Devices AD7888ARZ Datasheet HTML 8Page - Analog Devices AD7888ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
–3–
AD7888
Parameter
A Version
1
B Version
1
Unit
Test Condition/Comment
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
IDD
Normal Mode
5 (Static)
700
700
µA max
Normal Mode (Operational)
700
700
µA typ
fSAMPLE = 125 kSPS
Using Standby Mode
450
450
µA typ
fSAMPLE = 50 kSPS
Using Shutdown Mode
80
80
µA typ
fSAMPLE = 10 kSPS
12
12
µA typ
fSAMPLE = 1 kSPS
Standby Mode
6
µA max
VDD = 2.7 V to 5.25 V
Shutdown Mode
6
22
µA max
VDD = 4.75 V to 5.25 V (0.5
µA typ)
11
µA max
VDD = 2.7 V to 3.6 V
Normal-Mode Power Dissipation
3.5
3.5
mW max
VDD = 5 V
2.1
2.1
mW max
VDD = 3 V
Shutdown Power Dissipation
10
10
µW max
VDD = 5 V
33
µW max
VDD = 3 V
Standby Power Dissipation
1
1
mW max
VDD = 5 V
600
600
µW max
VDD = 3 V
NOTES
1Temperature ranges as follows: A Version: –40
°C to +105°C; B Version: –40°C to +105°C.
2See Terminology.
3SNR calculation includes distortion and noise components.
4Sample tested @ 25
°C to ensure compliance.
5All digital inputs @ GND except
CS @ V
DD. No load on the digital outputs. Analog inputs @ GND.
6SCLK @ GND when SCLK off. All digital inputs @ GND except for
CS @ V
DD. No load on the digital outputs. Analog inputs @ GND.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to AGND . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to AGND . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to AGND . . . . –0.3 V to VDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial
(A Version) . . . . . . . . . . . . . . . . . . . . . . –40
°C to +105°C
(B Version) . . . . . . . . . . . . . . . . . . . . . .
°C to +105°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC, TSSOP Package, Power Dissipation . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . 124.9°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150.4
°C/W (TSSOP)
θJC Thermal Impedance . . . . . . . . . . . . . 42.9°C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27.6
°C/W (TSSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7888 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. C
220
220
−40


Số phần tương tự - AD7888ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888ARZ AD-AD7888ARZ Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARZ-REEL AD-AD7888ARZ-REEL Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARZ-REEL7 AD-AD7888ARZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
More results

Mô tả tương tự - AD7888ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com