công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7823YRM bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD7823YRM
Giải thích chi tiết về linh kiện  ADC in 8-Lead microSOIC/DIP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7823YRM bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD7823YRM Datasheet HTML 4Page - Analog Devices AD7823YRM Datasheet HTML 5Page - Analog Devices AD7823YRM Datasheet HTML 6Page - Analog Devices AD7823YRM Datasheet HTML 7Page - Analog Devices AD7823YRM Datasheet HTML 8Page - Analog Devices AD7823YRM Datasheet HTML 9Page - Analog Devices AD7823YRM Datasheet HTML 10Page - Analog Devices AD7823YRM Datasheet HTML 11Page - Analog Devices AD7823YRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7823
–10–
REV. C
MICROPROCESSOR INTERFACING
The serial interface on the AD7823 allows the parts to be directly
connected to a range of many different microprocessors. This
section explains how to interface the AD7823 with some of the
more common microcontroller serial interface protocols.
AD7823 to PIC16C6x/7x
The PIC16C6x Synchronous Serial Port (SSP) is configured
as an SPI Master with the Clock Polarity Bit = 0. This is done
by writing to the Synchronous Serial Port Control Register
(SSPCON). See PIC16/17 Microcontroller User Manual. Figure
17 shows the hardware connections needed to interface to the
PIC16/PIC17. In this example I/O port RA1 is being used to
pulse
CONVST and enable the serial port of the AD7823.
SCLK
DOUT
SCK/RC3
SDO/RC5
RA1
AD7823*
PIC16C6x/7x*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 17. Interfacing to the PIC16/PIC17
AD7823 to MC68HC11
The Serial Peripheral Interface (SPI) on the MC68HC11 is
configured for Master Mode (MSTR = 0), Clock Polarity Bit
(CPOL) = 0, and the Clock Phase Bit (CPHA) = 1. The SPI is
configured by writing to the SPI Control Register (SPCR)—see
68HC11 User Manual. A connection diagram is shown in
Figure 18.
SCLK
DOUT
SCLK/PD4
MISO/PD2
PA0
AD7823*
MC68HC11*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 18. Interfacing to the MC68HC11
AD7823 to 8051
The AD7823 requires a clock synchronized to the serial data;
therefore, the 8051 serial interface must be operated in Mode 0.
In this mode serial data enters and exits through RXD, and a serial
clock is output on TXD (half duplex). Figure 19 shows how the
8051 is connected to the AD7823. Here, because the AD7823
shifts data out on the rising edge of the serial clock, the serial
clock must be inverted.
SCLK
DOUT
TXD
RXD
P1.1
AD7823*
8051*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 19. Interfacing to the 8051 Serial Port
It is possible to implement a serial interface using the data ports
on the 8051 (or any microcontroller). This would allow direct
interfacing between the AD7823 and 8051 to be implemented
without the need for any “gluing” logic. The technique involves
“bit banging” an I/O port (e.g., P1.0) to generate a serial clock
and using another I/O port (e.g., P1.1) to read in data, see
Figure 20.
SCLK
DOUT
P1.0
P1.1
P1.2
AD7823*
8051*
CONVST
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 20. Interfacing to the 8051 Using I/O Ports


Số phần tương tự - AD7823YRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7823YRM AD-AD7823YRM Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YRM AD-AD7823YRM Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
More results

Mô tả tương tự - AD7823YRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7810 AD-AD7810_17 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810YRZ-REEL7 AD-AD7810YRZ-REEL7 Datasheet
144Kb / 11P
   2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
   This unit is 8.lead DIP package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com