công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7707BRZ-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD7707BRZ-REEL7
Giải thích chi tiết về linh kiện  3-Channel 16-Bit, Sigma-Delta ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7707BRZ-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD7707BRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7707BRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AD7707
Rev. B | Page 4 of 52
SPECIFICATIONS
AVDD = DVDD = 3 V or 5 V, REF IN(+) = 1.225 V with AVDD = 3 V and 2.5 V with AVDD = 5 V; REF IN(−) = GND; VBIAS = REFIN(+);
MCLK IN = 2.4576 MHz unless otherwise noted. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Conditions/Comments
STATIC PERFORMANCE
Low Level Input Channels (AIN1 and AIN2)
No Missing Codes
16
Bits min
Guaranteed by design; filter notch < 60 Hz
Output Noise
See
Table 7 to
Table 10
Depends on filter cutoffs and selected gain
Integral Nonlinearity2
±0.003
% of FSR max
Filter notch < 60 Hz; typically ±0.0003%
Unipolar Offset Error3
Unipolar Offset Drift4
0.5
μV/°C typ
Bipolar Zero Error3
Bipolar Zero Drift4
0.5
μV/°C typ
For gains of 1, 2, and 4
0.1
μV/°C typ
For gains of 8, 16, 32, 64, and 128
Positive Full-Scale Error3, 5
Full-Scale Drift4, 6
0.5
μV/°C typ
Gain Error3, 7
Gain Drift4, 8
0.5
ppm of FSR/°C typ
Bipolar Negative Full-Scale Error2
±0.003
% of FSR max
Typically ±0.0007%
Bipolar Negative Full-Scale Drift4
1
μV/°C typ
For gains of 1 to 4
0.6
μV/°C typ
For gains of 8 to 128
HIGH LEVEL INPUT CHANNEL (AIN3)
No Missing Codes
16
Bits min
Guaranteed by design; filter notch < 60 Hz
Output Noise
See
Table 11 to
Table 13
Depends on filter cutoffs and selected gain
Integral Nonlinearity2
±0.003
% of FSR max
Filter notch < 60 Hz; typically ±0.0003%
Unipolar Offset Error9
±10
mV max
Typically within ±1.5 mV
Unipolar Offset Drift
4
μV/°Ctyp
Bipolar Zero Error9
±10
mV max
Typically within ±1.5 mV
Bipolar Zero Drift
4
μV/°C typ
For gains of 1, 2, and 4
1
μV/°C typ
For gains of 8, 16, 32, 64, and 128
Gain Error
±0.2
% typ
Typically within ±0.05%
Gain Drift
0.5
ppm of FSR/°C typ
Negative Full-Scale Error2
±0.0012
% of FSR typ
LOW LEVEL ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and REF IN,
unless otherwise noted
Input Common-Mode Rejection (CMR)2
Low level input channels, AIN1 and AIN2
AVDD = 5 V
Gain = 1
100
dB typ
Gain = 2
105
dB typ
Gain = 4
110
dB typ
Gain = 8 to 128
130
dB typ
AVDD = 3 V
Gain = 1
105
dB typ
Gain = 2
110
dB typ
Gain = 4
120
dB typ
Gain = 8 to 128
130
dB typ
Normal-Mode 50 Hz Rejection2
98
dB typ
For filter notches of 10 Hz, 25 Hz, 50 Hz; ±0.02 × fNOTCH
Normal-Mode 60 Hz Rejection2
98
dB typ
For filter notches of 10 Hz, 20 Hz, 60 Hz; ±0.02 × fNOTCH
Common-Mode 50 Hz Rejection2
150
dB typ
For filter notches of 10 Hz, 25 Hz, 50 Hz; ±0.02 × fNOTCH


Số phần tương tự - AD7707BRZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7707BR AD-AD7707BR Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707BRU AD-AD7707BRU Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
More results

Mô tả tương tự - AD7707BRZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Linear Technology
LTC2439-1 LINER-LTC2439-1 Datasheet
288Kb / 28P
   8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com