công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7707 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
AD7707 bảng dữ liệu(HTML) 8 Page - Analog Devices |
8 / 53 page AD7707 Rev. B | Page 7 of 52 Parameter B Version1 Unit Conditions/Comments Normal Mode Power Dissipation17 AVDD = DVDD = 3 V; digital inputs = 0 V or DVDD; external MCLK IN excluding dissipation in the AIN3 attenuator 1.05 mW max Typically 0.84 mW; BUF = 0; fCLKIN = 1 MHz, all gains 2.04 mW max Typically 1.53 mW; BUF = 1; fCLK IN = 1 MHz; all gains 1.35 mW max Typically 1.11 mW; BUF = 0; fCLK IN = 2.4576 MHz, gain = 1 to 4 2.34 mW max Typically 1.9 mW; BUF = 1; fCLK IN = 2.457 6 MHz; gain = 1 to 4 Normal Mode Power Dissipation17 AVDD = DVDD = 5 V; digital inputs = 0 V or DVDD; external MCLKIN 2.1 mW max Typically 1.75 mW; BUF = 0; fCLKIN = 1 MHz; all gains 3.75 mW max Typically 2.9 mW; BUF = 1; fCLKIN = 1 MHz; all gains 3.1 mW max Typically 2.6 mW; BUF = 0; fCLK IN = 2.4576 MHz 4.75 mW max Typically 3.75 mW; BUF = 1; fCLK IN = 2.4576 MHz Standby (Power-Down) Current20 18 μA max External MCLK IN = 0 V or DVDD; typically 9 μA; AVDD = 5 V 8 μA max External MCLK IN = 0 V or DVDD; typically 4 μA; AVDD = 3 V 1 Temperature range as follows: B Version, −40°C to +85°C. 2 These numbers are established from characterization or design at initial product release. 3 A calibration is effectively a conversion so these errors are of the order of the conversion noise shown in Table 7 and Table 9 for the low level input channels AIN1 and AIN2. This applies after calibration at the temperature of interest. 4 Recalibration at any temperature removes these drift errors. 5 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges. 6 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges. 7 Gain error does not include zero-scale errors. It is calculated as full-scale error—unipolar offset error for unipolar ranges and full-scale error—bipolar zero error for bipolar ranges. 8 Gain error drift does not include unipolar offset drift/bipolar zero drift. It is effectively the drift of the part if zero-scale calibrations were performed. 9 Error is removed following a system calibration. 10 This common-mode voltage range is allowed provided that the input voltage on analog inputs does not go more positive than AVDD + 30 mV or go more negative than AGND − 100 mV. Parts are functional with voltages down to AGND − 200 mV, but with increased leakage at high temperature. 11 The analog input voltage range on AIN(+) is given here with respect to the voltage on LCOM on the low level input channels (AIN1 and AIN2) and is given with respect to the HCOM input on the high level input channel, AIN3. The absolute voltage on the low level analog inputs should not go more positive than AVDD + 100 mV, or go more negative than GND − 100 mV for specified performance. Input voltages of AGND − 200 mV can be accommodated, but with increased leakage at high temperature. 12 VREF = REF IN(+) − REF IN(−). 13 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load. 14 Sample tested at +25°C to ensure compliance. 15 After calibration, if the analog input exceeds positive full scale, the converter outputs all 1s. If the analog input is less than negative full scale, the device outputs all 0s. 16 These calibration and span limits apply provided that the absolute voltage on the analog inputs does not exceed AVDD + 30 mV or go more negative than AGND − mV. The offset calibration limit applies to both the unipolar zero point and the bipolar zero point. 17 When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the DVDD current and power dissipation varies depending on the crystal or resonator type (see the Clocking and Oscillator Circuit section). 18 Measured at dc and applies in the selected pass band. PSRR at 50 Hz exceeds 120 dB with filter notches of 25 Hz or 50 Hz. PSRR at 60 Hz exceeds 120 dB with filter notches of 20 Hz or 60 Hz. 19 PSRR depends on both gain and AVDD. See Table 2 and Table 3. 20 If the external master clock continues to run in standby mode, the standby current increases to 150 μA typical at 5 V and 75 μA typical at 3 V. When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the internal oscillator continues to run in standby mode and the power dissipation depends on the crystal or resonator type (see the Standby Mode section). Table 2. Low Level Input Channels, AIN1 and AIN2 Gain 1 2 4 8 to 128 AVDD = 3 V 86 78 85 93 AVDD = 5 V 90 78 84 91 Table 3. High Level Input Channel, AIN3 Gain 1 2 4 8 to 128 AVDD = 3 V 68 60 67 75 AVDD = 5 V 72 60 66 73 |
Số phần tương tự - AD7707 |
|
Mô tả tương tự - AD7707 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |