công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N2222A bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện 2N2222A
Giải thích chi tiết về linh kiện  General Purpose NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2N2222A bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  2N2222A Datasheet HTML 1Page - Diotec Semiconductor 2N2222A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2222A
2N2222A
General Purpose NPN Transistors
Universal-NPN-Transistoren
IC
= 600 mA
hFE ~ 200
Tjmax = 150°C
VCEO = 40 V
Ptot = 625 mW
Version 2017-12-06
TO-92 (10D3)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped in ammo pack
(Raster 2.54)
4000
Gegurtet in Ammo-Pack
(Raster 2.54)
Weight approx.
0.18 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
2N2907A
Maximum ratings 2)
Grenzwerte 2)
2N2222A
Collector-Emitter-voltage - Kollektor-Emitter-Spannung
B open
VCEO
75 V
Collector-Base-voltage - Kollektor-Basis-Spannung
E open
VCBO
40 V
Emitter-Base-voltage - Emitter-Basis-Spannung
C open
VEBO
6 V
Power dissipation – Verlustleistung
Ptot
625 mW 3)
Collector current – Kollektorstrom
DC
IC
600 mA
Base current – Basisstrom
I
B
800 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-65…+150°C
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
VCB = 60 V
ICBO
10 nA
Collector saturation voltage – Kollektor-Sättigungsspannung
IC = 150 mA, IB = 15 mA 1)
IC = 500 mA, IB = 50 mA 1)
VCEsat
VCEsat
0.3 V
1 V
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
2 x 2.54
E B C


Số phần tương tự - 2N2222A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
First Components Intern...
2N2222A FCI-2N2222A Datasheet
73Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

Mô tả tương tự - 2N2222A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com