công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4001GP bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor |
|
1N4001GP bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor |
1 / 2 page 1N4001GP ... 1N4007GP, 1N4001-Q ... 1N4007-Q 1N4001GP ... 1N4007GP, 1N4001-Q ... 1N4007-Q Standard Recovery Rectifier Diodes Gleichrichterdioden mit Standard-Sperrverzug IFAV = 1 A VF < 1.1 V Tjmax = 175°C VRRM = 50...1000 V IFSM = 27/30 A trr ~ 1500 ns Version 2017-06-16 ~DO-41 / ~DO-204AC Dimensions - Maße [mm] Typical Application 50/60 Hz Mains Rectification, Power Supplies, Polarity Protection Special grade 1) Version -Q: AEC-Q101 compliant 1) Typische Anwendung 50/60 Hz Netzgleichrichtung, Stromversorgungen, Verpolschutz Sonderausführung 1) Version -Q: AEC-Q101 konform 1) Features Glass passivated junction Compliant to RoHS, REACH, Conflict Minerals 1) Besonderheit Glaspassivierte Sperrschicht Konform zu RoHS, REACH, Konfliktmineralien 1) Mechanical Data 1) Mechanische Daten 1) Taped in ammo pack 5000 Gegurtet in Ammo-Pack Weight approx. 0.4 g Gewicht ca. Case material UL 94V-0 Gehäusematerial Solder & assembly conditions 260°C/10s Löt- und Einbaubedingungen MSL N/A Maximum ratings 2) Grenzwerte 2) Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] Surge peak reverse voltage Stoßspitzensperrspannung VRSM [V] 1N4001GP / 1N4001-Q 50 50 1N4002GP / 1N4002-Q 100 100 1N4004GP / 1N4004-Q 400 400 1N4005GP / 1N4005-Q 600 600 1N4007GP / 1N4007-Q 1000 1000 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last TA = 75°C TA = 100°C IFAV 1 A 3) 0.8 A 3) Repetitive peak forward current Periodischer Spitzenstrom f > 15 Hz IFRM 5.4 A 3) Peak forward surge current Stoßstrom in Fluss-Richtung Half sine-wave Sinus-Halbwelle 50 Hz (10 ms) 60 Hz (8.3 ms) IFSM 27 A 30 A Rating for fusing Grenzlastintegral t < 10 ms i2t 3.6 A2s Junction temperature – Sperrschichttemperatur Storage temperature – Lagerungstemperatur Tj TS -50...+175°C -50...+175°C 1 Please note the detailed information on our website or at the beginning of the data book Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches 2 TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben 3 Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden © Diotec Semiconductor AG http://www.diotec.com/ 1 Pb RoHS Ø 0.77 ±0.07 Ø 2.6±0.2 |
Số phần tương tự - 1N4001GP |
|
Mô tả tương tự - 1N4001GP |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |